Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download BU2525AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
GENERAL DESCRIPTION
New generation, high-voltage, high-speed switching npn transistor in a plastic envelope intended for use in horizontal deflection circuits of large screen colour television receivers up to 32 kHz.
QUICK REFERENCE DATA
SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Fall time CONDITIONS VBE = 0 TYP. 8 0.2 MAX. 1500 800 12 30 125 5.0 0.35 UNIT V V A A W V A s
Tmb 25 C IC = 8.0 A; IB = 1.6 A ICsat = 8.0 A; IB(end) = 1.1 A
PINNING - SOT429
PIN 1 2 3 tab base collector emitter collector DESCRIPTION
PIN CONFIGURATION
SYMBOL
c b
1 2 3
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IB(AV) -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1500 800 12 30 8 12 200 7 125 150 150 UNIT V V A A A A mA A W C C
average over any 20 ms period Tmb 25 C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Junction to mounting base Junction to ambient CONDITIONS in free air TYP. 45 MAX. 1.0 UNIT K/W K/W
1 Turn-off current.
September 1997
1
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
STATIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL ICES ICES IEBO BVEBO VCEOsust VCEsat VBEsat hFE hFE PARAMETER Collector cut-off current
2
CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VEB = 7.5 V; IC = 0 A IB = 1 mA IB = 0 A; IC = 100 mA; L = 25 mH IC = 8.0 A; IB = 1.6 A IC = 8.0 A; IB = 1.6 A IC = 100 mA; VCE = 5 V IC = 8 A; VCE = 5 V
MIN. 7.5 800 5
TYP. 13.5 13 7
MAX. 1.0 2.0 1.0 5.0 1.3 9.5
UNIT mA mA mA V V V V
Emitter cut-off current Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain
DYNAMIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL Cc PARAMETER Collector capacitance Switching times (32 kHz line deflection circuit) ts tf Turn-off storage time Turn-off fall time CONDITIONS IE = 0 A; VCB = 10 V; f = 1 MHz ICsat = 8.0 A; LC = 260 H; Cfb = 13 nF; IB(end) = 1.1 A; LB = 2.5 H; -VBB = 4 V; (-dIB/dt = 1.6 A/s) TYP. 145 MAX. UNIT pF
3.0 0.2
4.0 0.35
s s
IC / mA
+ 50v 100-200R
250
Horizontal Oscilloscope Vertical 100R 6V 30-60 Hz 1R
200
100
0 VCE / V
min VCEOsust
Fig.1. Test circuit for VCEOsust.
Fig.2. Oscilloscope display for VCEOsust.
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
TRANSISTOR IC DIODE
ICsat
100
hFE
BU2525A
Tj = 25 C
t
5V
Tj = 125 C
IB
IBend
10
t 10us 13us 32us VCE
1V
1 0.1
t
1 IC / A
10
100
Fig.3. Switching times waveforms.
Fig.6. Typical DC current gain. hFE = f (IC) parameter VCE
VBESAT / V
Tj = 25 C Tj = 125 C
ICsat 90 % IC
1.2 1.1 1 0.9
BU2525A
10 % tf ts IB IBend
0.8
t
0.7 0.6
IC/IB= 3 4 5 0.1 1 IC / A 10
t
0.5 0.4
- IBM
Fig.4. Switching times definitions.
Fig.7. Typical base-emitter saturation voltage. VBEsat = f (IC); parameter IC/IB
VCESAT / V IC/IB = 5 4 3 BU2525A
+ 150 v nominal adjust for ICsat
1 0.9 0.8
Lc
0.7 0.6 0.5
Tj = 25 C
0.4
Tj = 125 C
IBend
LB
T.U.T. Cfb
0.3 0.2 0.1 0 0.1 1 IC / A 10 100
-VBB
Fig.5. Switching times test circuit (BU2525A).
Fig.8. Typical collector-emitter saturation voltage. VCEsat = f (IC); parameter IC/IB
September 1997
3
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
1.2 1.1 1 0.9
VBESAT / V
Tj = 25 C Tj = 125 C
BU2525A
IC= 0.8 0.7 0.6 0 1 2 IB / A 3 8A 6A 5A 4A 4
12 11 10 9 8 7 6 5 4 3 2 1 0
ts, tf / us 32 kHz
BU2525A
ts
IC = 8A 7A 0.1 1 IB / A tf 10
Fig.9. Typical base-emitter saturation voltage. VBEsat = f (IB); parameter IC
VCESAT / V BU2525A
Tj = 25 C Tj = 125 C
Fig.12. Typical collector storage and fall time. ts = f (IB); tf = f (IB); parameter IC; Tj = 85C; f = 32 kHz
PD% Normalised Power Derating
10
120 110 100 90 80 70 60 50 40 30 20 10 0
8A
1
6A
5A
IC = 4 A 0.1 0.1 1 IB / A 10
0
20
40
60
80 100 Tmb / C
120
140
Fig.10. Typical collector-emitter saturation voltage. VCEsat = f (IB); parameter IC
Eoff / uJ IC = 8 A BU2525A
Fig.13. Normalised power dissipation. PD% = 100PD/PD 25C = f (Tmb)
Zth / (K/W) BU2525A
1000
10
1
7A 100
0.5 0.1 0.2 0.1 0.05 0.02 0.01 D=0 0.001 1E-06
P D tp D= tp T t
10 0.1 1 IB / A 10
T
1E-04
1E-02 t/s
1E+00
Fig.11. Typical turn-off losses. Tj = 85C Eoff = f (IB); parameter IC; f = 32 kHz
Fig.14. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
September 1997
4
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
IC / A 100
BU2525A tp =
ICM ICDC 10
= 0.01
40 us
100 us
Ptot 1 1 ms
0.1
10 ms DC
0.01 1 10 100 1000 VCE / V
Fig.15. Forward bias safe operating area. Tmb = 25 C ICDC & ICM = f(VCE); ICM single pulse; parameter tp; Second-breakdown limits independant of temperature.
September 1997
5
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
MECHANICAL DATA
Dimensions in mm Net Mass: 5 g
5.3 3.5 21 max 15.5 max seating plane 7.3 16 max 5.3 max 1.8 o 3.5 max
2.5 4.0 max 1 2.2 max 3.2 max 5.45 2 3 0.9 max 1.1 5.45 0.4 M
15.5 min
Fig.16. SOT429; pin 2 connected to mounting base.
Notes 1. Refer to mounting instructions for SOT429 envelope. 2. Epoxy meets UL94 V0 at 1/8".
September 1997
6
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1997
7
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BU2525AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X